Part Number Hot Search : 
TXMEGA64 LTC1045 UZ114 24H28 378R33 AK4355VF PVD2352 1N4730
Product Description
Full Text Search
 

To Download SD-47038-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0470380041 Active
pogo_pins 4.00mm (.157") Pitch Pogo Speaker Connector, Height: 2.20mm (.087"), Overall 1.0m (40") Gold over 3-5m Nickel Plating, 2 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-47038-001 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
General
Product Family Series Application Comments Overview Product Name PCB Headers 47038 Board-to-Board Action Height: 1.65mm (.065") pogo_pins PoGo Pin EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Mated Height (in) Mated Height (mm) Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 2 2 2,000 No No Yes None None 0.079 In 2.00 mm Gold Gold 1 Vertical No Yes Embossed Tape on Reel 0.157 In 4.00 mm 0.157 In 4.00 mm 40 1 80 2 No No No No No -40C to +85C Surface Mount
Search Parts in this Series 47038Series
Electrical
Current - Maximum per Contact Voltage - Maximum 0.5A 12V DC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-47038-001 SD-47038-001
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of SD-47038-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X